Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-17B-13-C2-R0

  • AI
    The **ATS-17B-13-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" thermal management line designed for cooling electronic components like CPUs, GPUs, or high-power ASICs. ### 1. Technical Specifications The part number encodes specific physical and thermal characteristics: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded Plastic Pins) | | **Thermal Resistance** | 13.70 °C/W (at 100 LFM) | | **Fin Type** | Fine Pitch (Cross-Cut) | | **Dimensions (L x W x H)** | 50mm x 50mm x 15mm | | **Spring Type** | ATS-PPS-17 | --- ### 2. Design and Engineering Breakdown #### A. The pushPIN™ Attachment Unlike adhesive tapes or simple clips, the **ATS-17B** uses a pushPIN™ system. This consists of: * **Plastic Pins:** Insert into pre-drilled holes on the PCB. * **Compression Springs:** Provide precise vertical pressure (clamping force) on the electronic component, ensuring optimal contact with the thermal interface material. #### B. Thermal Performance The "13" in the part number indicates the fin height (roughly 15mm total profile). The **cross-cut fin design** allows for multi-directional airflow, making it effective even if the cooling fan isn't perfectly aligned with the heatsink fins. #### C. Material Properties * **Aluminum 6063:** Provides a balance between thermal conductivity and weight. * **Blue Anodizing:** Not just for aesthetics; it increases surface emissivity (improving heat radiation) and provides corrosion resistance. --- ### 3. Common Applications This specific heatsink is typically found in: * **Networking Equipment:** Routers and switches with high-speed processors. * **Industrial PCs:** Compact motherboards where space is limited. * **Power Supplies:** Cooling voltage regulators or MOSFETs. --- ### 4. Comparison to Other Models | Feature | ATS-17B (Current) | Standard Adhesive Heatsinks | | :--- | :--- | :--- | | **Mounting Security** | High (Mechanical) | Low (Chemical Tape) | | **Reusability** | Yes (Removable pins) | No (Damages on removal) | | **Pressure Control** | Precise via Springs | None |
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the pushPIN mounting system?
    • ⤷ How does the thermal resistance of this heatsink change at higher airflow (LFM)?
    • ⤷ Is there a copper version of this heatsink for higher heat dissipation?