ATS-17B-16-C2-R0
AI

The **ATS-17B-16-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling integrated circuits (ICs) and other PCB-mounted components.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Thermal Resistance (Flowing)** | 1.83 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 4.90 °C/W |
| **Weight** | 35.0 grams |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 10.00mm |
---
### 2. Key Electronic Features
#### A. Advanced Thermal Interface Material (TIM)
The "C2" suffix indicates that this model comes pre-applied with **T766 Phase Change Material**. This is critical for electronics because:
* It fills microscopic air gaps between the heat sink and the chip.
* It provides high thermal conductivity without the mess of manual thermal paste application.
#### B. Cross-Cut Fin Design
The fin structure is designed for **omni-directional airflow**. In complex electronic enclosures where air may be pushed from multiple angles, the cross-cut pattern ensures that heat is dissipated efficiently regardless of the fan orientation.
#### C. PushPIN™ Mounting System
Instead of using messy adhesives or permanent solder, this part uses a mechanical push-pin system.
* **Reliability:** Provides consistent pressure (measured by a precise spring) to ensure optimal contact with the electronic component.
* **Maintenance:** Allows for easy removal and replacement of the electronic part or the heat sink during repairs.
---
### 3. Application Use-Cases
This specific heat sink is typically used for cooling the following electronic parts:
1. **Processors (CPUs/GPUs):** Low-profile cooling for embedded systems.
2. **ASICs & FPGAs:** High-speed logic gates that generate significant heat in telecommunications equipment.
3. **Power Electronics:** Large MOSFETs or power regulators in industrial power supplies.
---
- ⤷
What are the specific hole patterns required on the PCB for the pushPIN system?
- ⤷ How does the T766 phase change material compare to standard thermal grease?
- ⤷ Is there a version of this heat sink with a higher profile for better passive cooling?