ATS-17B-166-C3-R0
AI

### Electronic Specifications: ATS-17B-166-C3-R0
The **ATS-17B-166-C3-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed to provide efficient thermal management for electronic components like CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
The following table highlights the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 12.30 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.73 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Pitch** | Fine Pitch |
| **Pattern** | XC (Cross-Cut) |
---
### 2. Key Components & Design
The "Electronic" functionality of this part is passive, focusing on the dissipation of heat generated by active electronic circuits.
* **XC (Cross-Cut) Fin Design:** The fin structure is designed to maximize surface area while allowing for multi-directional airflow. This is critical for dense PCB layouts where airflow direction may not be consistent.
* **Push-Pin Attachment:** The part uses a spring-loaded mechanism. This ensures a consistent **pressure (Load)** between the heat sink and the electronic chip, which is vital for maintaining a low thermal interface resistance.
* **Thermal Interface Material (TIM):** The "-R0" suffix typically denotes that the unit comes pre-applied with a high-performance thermal interface material (T37-2), which fills microscopic air gaps between the chip and the heat sink.
---
### 3. Thermal Performance Profile
The effectiveness of this heat sink depends on the airflow (Measured in Linear Feet per Minute - LFM) within the electronic enclosure:
| Airflow (LFM) | Velocity (m/s) | Resistance (Unducted) | Resistance (Ducted) |
| :--- | :--- | :--- | :--- |
| 100 | 0.5 | 12.30 °C/W | 2.73 °C/W |
| 300 | 1.5 | 5.82 °C/W | 1.86 °C/W |
| 500 | 2.5 | 4.47 °C/W | 1.59 °C/W |
| 700 | 3.5 | 3.82 °C/W | 1.43 °C/W |
---
### 4. Application Context
This part is commonly used in:
1. **Network Switches:** Cooling ASICs and FPGA chips.
2. **Power Supplies:** Dissipating heat from MOSFETs.
3. **Embedded Systems:** Managing thermals for small-form-factor industrial PCs.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How does the pushPIN™ mechanism ensure better thermal contact than adhesive tapes?
- ⤷ Are there alternative fin patterns for higher airflow environments?