ATS-17B-22-C2-R0
AI

The **ATS-17B-22-C2-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* and belongs to their "blue ice" or high-efficiency push-pin series.
Below is the technical breakdown of its electronic and mechanical specifications.
---
### ## 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Base Part Number** | ATS-17B-22-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 13.87°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 12.7mm |
| **Fin Style** | Straight Fin |
---
### ## 2. Core Electronic Functions
While the device itself does not consume electricity, it is an essential **thermal management component** for high-power electronic circuits.
* **Heat Dissipation:** Its primary role is to transfer heat away from high-temperature surface-mount components (like CPUs, FPGAs, or MOSFETs) to the surrounding air.
* **Thermal Interface:** It is designed to be paired with **Phase Change Material (PCM)** or thermal grease to minimize the air gap between the chip and the aluminum base.
* **EMI Shielding (Partial):** By grounding the heat sink through specific mounting points, it can sometimes assist in reducing Electromagnetic Interference (EMI) radiating from a chip.
---
### ## 3. Key Features and Naming Convention
The part number follows a specific logic used by ATS:
1. **ATS-17:** Refers to the specific series of the heat sink profile.
2. **B:** Represents the specific revision or mechanical variation.
3. **22:** Refers to the physical dimensions/footprint size.
4. **C2:** Denotes the **Thermal Interface Material (TIM)** provided; C2 typically indicates a high-performance thermal pad pre-applied to the base.
5. **R0:** Indicates the RoHS compliance status (Lead-free/Environmentally friendly).
---
### ## 4. Application Use Cases
* **Voltage Regulators:** Cooling high-amperage power conversion modules.
* **Networking Equipment:** Used on switches and routers for cooling processing ASICs.
* **Embedded Computing:** Small form factor motherboards where vertical space is limited (12.7mm height).
- ⤷
What are the compatible push-pin sizes for this specific heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a fan for active cooling?