ATS-17B-27-C2-R0
AI

The **ATS-17B-27-C2-R0** is a specific part number for a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" thermal management line, designed specifically for cooling electronic components like CPUs, GPUs, or high-power ASICs.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 70mm x 70mm |
| **Height** | 12.7mm |
| **Fin Style** | Straight |
| **Attachment Method** | pushPIN™ (Brass Component) |
| **Thermal Resistance** | 12.24 °C/W (at 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
To understand the specific configuration, the part number can be decoded as follows:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **17B**: Refers to the specific series and mounting hole pattern.
* **27**: Internal design/geometry code for this heat sink.
* **C2**: Indicates the material and finish (Aluminum with Blue Anodize).
* **R0**: Version or revision code.
---
### 3. Key Electronic Functions
While the heat sink itself is mechanical, its role in an electronic circuit is critical for **Thermal Management**:
1. **Heat Dissipation:** It increases the surface area of a heat-generating component (like a processor), allowing air to carry away heat more efficiently via convection.
2. **Thermal Interface:** It comes with **T766** pre-applied. This is a Phase Change Material (PCM) or thermal grease that fills microscopic air gaps between the chip and the heat sink to ensure maximum heat transfer.
3. **Mechanical Stability:** The **pushPIN™** system uses a compression spring. This provides a precise amount of "push" (clamping force) on the electronic chip, ensuring optimal thermal contact without cracking the delicate silicon die.
4. **Airflow Optimization:** The "Straight" fin design is optimized for systems where there is a clear, directional path of airflow provided by system fans.
---
### 4. Application Use Cases
This specific part is commonly found in:
* **Networking Equipment:** High-speed routers and switches.
* **Industrial PCs:** Compact computers requiring passive or forced-air cooling.
* **Embedded Systems:** Systems-on-Chip (SoC) that operate at high clock speeds and generate significant heat.
- ⤷
What is the significance of the T766 thermal interface material compared to standard thermal paste?
- ⤷ How do I calculate if the 12.24 °C/W thermal resistance is sufficient for my processor?
- ⤷ Are there alternative mounting options if my PCB does not support pushPIN holes?