ATS-17B-30-C2-R0
AI

The **ATS-17B-30-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed for thermal management in electronic systems, primarily to dissipate heat from integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 25.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 5.31°C/W (at 100 LFM) |
| **Fin Type** | Straight Fin |
| **RoHS Status** | Compliant |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
Unlike standard adhesive-backed heat sinks, this part uses the **pushPIN™** system. This involves:
* **Compression Springs:** Provides precise pressure across the interface to optimize thermal transfer.
* **Plastic/Brass Pins:** Securely locks the heat sink into pre-drilled holes on the Printed Circuit Board (PCB).
### B. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes with a pre-applied **Thermal Interface Material**. This is a conductive pad or grease that fills microscopic air gaps between the heat sink and the electronic component (CPU/GPU), significantly lowering thermal resistance.
### C. Thermal Performance
The heat sink is engineered for **Active or Passive Airflow**. Its performance improves significantly as air velocity (measured in Linear Feet per Minute - LFM) increases:
* **Low Airflow (100 LFM):** ~5.31°C/W
* **High Airflow (500 LFM):** ~1.17°C/W
---
## 3. Applications
This component is generally used in high-power electronic environments where failure due to overheating is a risk:
1. **Telecommunications:** Cooling high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Dissipating heat from MOSFETs or large power regulators.
---
## 4. Part Number Breakdown
The nomenclature can be interpreted as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **17B:** Series/Body style
* **30:** Specific fin configuration/height
* **C2:** Material/Finish (Blue Anodized Aluminum)
* **R0:** Packaging or TIM revision code
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment system?
- ⤷ How does the blue anodized finish affect the thermal emissivity of the part?
- ⤷ Can this heat sink be used with a custom thermal interface material instead of the pre-applied one?