ATS-17B-36-C2-R0
AI

The **ATS-17B-36-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their high-performance **maxiFLOW™** heatsink family, designed specifically for cooling integrated circuits (ICs) like BGA (Ball Grid Array) packages.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-17B-36-C2-R0 |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (Black Anodized) |
| **Mounting Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 36.83mm x 36.83mm |
| **Height (Fin Height)** | 12.70mm |
| **Thermal Resistance** | 14.82°C/W (at 1.0 m/s airflow) |
| **Attachment Method** | Plastic push-pins and brass springs |
---
## 2. Key Features and Design
The "ATS-17B" series utilizes a specialized fin pattern designed to maximize surface area and airflow efficiency.
### A. maxiFLOW™ Fin Geometry
The fins are designed with a **flared profile**, which reduces pressure drop across the device. This allows for better thermal performance in constrained spaces where air intake might be limited.
### B. pushPIN™ Attachment
Unlike adhesive tapes that can fail under high heat, this model uses a mechanical **pushPIN™** system:
* **Secure Fit:** Ensures constant pressure between the heat sink and the processor.
* **Easy Installation:** Features a pre-drilled hole pattern for quick assembly.
* **Reliability:** The brass springs provide long-term tension to maintain high thermal conductivity.
### C. Thermal Interface Material (TIM)
This specific part number typically comes with **T766** pre-applied thermal phase-change material. This ensures that the microscopic gaps between the chip and the aluminum are filled to prevent heat buildup.
---
## 3. Applications
The ATS-17B-36-C2-R0 is commonly found in industrial and computing hardware:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **FPGA & BGA Packages:** General-purpose cooling for square-profile ICs.
* **Power Supplies:** Heat dissipation for voltage regulators.
---
- ⤷
What is the significance of the 'C2' code in the part number?
- ⤷ How does the thermal resistance change at higher air flow speeds?
- ⤷ What are the PCB hole requirements for the pushPIN mounting system?