Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-17B-39-C2-R0

  • AI
    ## Electronic Specifications: ATS-17B-39-C2-R0 The **ATS-17B-39-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series and is designed specifically for cooling electronic components like CPUs, GPUs, or power modules on a Printed Circuit Board (PCB). ### 1. General Technical Specifications Below is a breakdown of the physical and thermal properties of this specific model: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 54.00mm x 40.00mm x 12.70mm | | **Thermal Resistance** | 18.94° C/W (@ 100 LFM) | | **Pressure Drop** | 0.80 (in-H2O) @ 200 LFM | --- ### 2. Thermal Performance Data Thermal resistance determines how effectively the part moves heat away from the electronics. Performance improves as airflow (measured in Linear Feet per Minute - LFM) increases. | Air Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 (0.5 m/s) | 18.94 | | 300 (1.5 m/s) | 5.48 | | 500 (2.5 m/s) | 3.50 | | 700 (3.5 m/s) | 2.74 | --- ### 3. Key Electronic Design Features * **Attachment Style:** It uses a **pushPIN™** system which includes a plastic or brass pin and a compression spring. This ensures consistent pressure (TIM - Thermal Interface Material compression) across the component for optimal heat transfer. * **Thermal Interface Material (TIM):** The "R0" suffix usually indicates that the part comes with **T766** pre-applied thermal grease or phase-change material, ready for immediate mounting. * **Fin Pattern:** The part features a **Straight-Fin** design. This is ideal for systems with a clear, directional airflow (forced convection) provided by a fan. * **PCB Compatibility:** The mounting holes are designed for specific pitches. For this model, the hole pattern is typically **47.00mm** (pitch) to ensure it fits standard electronic board layouts. --- ### 4. Part Number Breakdown (Nomenclature) To understand what each part of `ATS-17B-39-C2-R0` means: | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions | | **17** | Series / Product Group | | **B** | Material Code (Aluminum) | | **39** | Specific Dimension/Fin Configuration | | **C2** | Thermal Interface Material (TIM) type/Color Code | | **R0** | Revision / Packaging Code | ---
    ✨ Follow-up Questions
    • ⤷What is the recommended mounting hole size for the pushPIN system?
    • ⤷ Can this heat sink be used for passive cooling without a fan?
    • ⤷ How does the Blue Anodized finish affect thermal performance compared to plain aluminum?