ATS-17B-49-C2-R0
AI

## Overview of ATS-17B-49-C2-R0
The **ATS-17B-49-C2-R0** is a specific model of a **High-Performance Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their *pushPIN™* series, designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits (ICs).
---
### Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 25mm x 25mm x 20mm |
| **Thermal Resistance** | 5.40 °C/W (at 1.0 m/s airflow) |
| **Weight** | ~28 grams |
| **Mounting Pattern** | 2-hole configuration |
---
### Electronic and Thermal Functionality
While not an active electronic component (like a transistor or IC), the ATS-17B-49-C2-R0 is a critical **passive thermal management part**. Its primary functions include:
#### 1. Heat Dissipation
It utilizes a **cross-cut fin pattern** which increases surface area. This allows air to flow through the fins in multiple directions, maximizing the transfer of heat from the electronic component to the ambient air.
#### 2. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heat sink comes pre-applied with **T766 Phase Change Material**. This is a high-performance interface that fills microscopic air gaps between the heat sink base and the chip to improve thermal conductivity.
#### 3. Secure Mounting (pushPIN™ System)
The assembly uses a flexible, spring-loaded attachment mechanism. This ensures:
* **Constant Pressure:** Maintains optimal contact between the heat sink and the chip.
* **Vibration Resistance:** Prevents the heat sink from shifting during transport or operation.
* **Ease of Installation:** Allows for quick assembly onto the PCB without complex tools.
---
### Component Composition
1. **Heat Sink Body:** Extruded aluminum designed for high thermal conductivity.
2. **Push Pins:** Made of nylon or brass, these lock into the PCB holes.
3. **Springs:** Stainless steel compression springs that provide the necessary downward force.
4. **Interface Pad:** The pre-applied T766 thermal foil/grease.
---
- ⤷What is the thermal resistance of this heat sink at different airflow speeds?
- ⤷ Can this heat sink be used on a standard BGA package?
- ⤷ How does the 'Blue Anodized' finish affect the heat sink's performance?