ATS-17B-60-C2-R0
AI

The **ATS-17B-60-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **pushPIN™** series, designed for secure and efficient cooling of integrated circuits (ICs).
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Part Number** | ATS-17B-60-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 37.00mm x 37.00mm x 25.00mm |
| **Thermal Resistance (Unducted)** | 6.36 °C/W @ 100 LFM |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
---
### 2. Key Component Features
#### A. Fin Design (Fine Pitch)
The "B" in the part number indicates the fin pattern. This model typically utilizes a **cross-cut** or **straight fin** design optimized for high-density airflows, maximizing surface area for heat dissipation within a compact 37mm footprint.
#### B. pushPIN™ Attachment Mechanism
Unlike adhesive tapes or simple clips, this part uses a **pushPIN™** system:
* **Springs:** Provides consistent pressure (Pre-assembled).
* **Plastic/Brass Pins:** Secure the heat sink to the PCB through pre-drilled holes.
* **Reliability:** This ensures the heat sink does not shift during vibration or shipping.
#### C. Thermal Interface Material (T766)
The part comes with a pre-applied **T766 thermal grease**. This is a high-performance phase-change material that fills microscopic air gaps between the heat sink base and the electronic component (CPU/GPU/FPGA), significantly reducing thermal resistance.
---
### 3. Thermal Performance Profile
The cooling efficiency depends on the velocity of the air (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 6.36 |
| 200 | 1.0 | 2.38 |
| 300 | 1.5 | 1.90 |
| 400 | 2.0 | 1.66 |
---
### 4. Application Use Cases
This specific heat sink is commonly found in:
* **Networking Equipment:** High-speed routers and switches.
* **Industrial PCs:** Compact motherboards where vertical space (25mm) is available.
* **Embedded Systems:** Cooling FPGAs or ASICs that generate moderate heat.
- ⤷
How does the pushPIN™ attachment compare to thermal adhesive tape?
- ⤷ What are the PCB hole requirements for mounting this specific heat sink?
- ⤷ Can the T766 thermal material be replaced with a different compound if needed?