ATS-17B-68-C2-R0
AI

The **ATS-17B-68-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | pushPIN™ Heat Sink |
| **Attachment Method** | Push-Pin (with springs) |
| **Material** | Aluminum (Body), Blue Anodized (Finish) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 15.31°C/W (at 100 LFM) to 1.60°C/W (at 700 LFM) |
| **Interface Material** | T766 (Pre-applied Thermal Interface Material) |
---
### 2. Key Electronic Components & Features
The "electronic" functionality of this part is passive, but its design is critical for the stability of active electronic circuits.
#### A. The Fin Design (Cross-Cut)
The ATS-17B-68-C2-R0 uses a **cross-cut fin pattern**. This allows for "omni-directional" airflow, meaning it can dissipate heat effectively regardless of which direction the fan or air current is blowing across the PCB.
#### B. Attachment Mechanism (Push-Pin)
Instead of adhesive or soldering, this part uses a **Push-Pin and Spring** system:
* **Stability:** Provides consistent pressure on the processor.
* **Reliability:** Ensures a tight bond with the Thermal Interface Material (TIM).
* **Reusability:** Can be removed and re-installed during board repair.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a phase-change material that fills the microscopic air gaps between the heat sink and the electronic chip, ensuring maximum heat transfer.
---
### 3. Application Use Cases
This specific model is typically used on Medium-to-Large Scale Integrated circuits (LSIs) including:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Embedded Systems:** For industrial computers where space is restricted (15mm height).
3. **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
---
- ⤷
What is the difference between blue anodized and black anodized finishes on heat sinks?
- ⤷ How do I calculate if the 15.31°C/W thermal resistance is sufficient for my chip?
- ⤷ What are the PCB hole diameter requirements for the ATS push-pin system?