ATS-17B-80-C2-R0
AI

The **ATS-17B-80-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and electronic application characteristics.
---
### 1. Technical Specifications
The part number follows the standard Advanced Thermal Solutions (ATS) naming convention:
| Feature | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | Specialist in thermal management |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface emissivity and provides corrosion resistance |
| **Attachment Method** | pushPIN™ | Spring-loaded pin mechanism for secure PCB mounting |
| **Thermal Resistance** | 1.90° C/W (@ 1.0 m/s) | Measures heat dissipation efficiency |
| **Dimensions** | 30mm x 30mm x 15mm | Compact footprint for dense PCB layouts |
| **Weight** | ~30 grams | Standard for mid-range cooling solutions |
---
### 2. Functional Components
The ATS-17B-80-C2-R0 is engineered with specific electronic cooling features:
* **Finned Design (Cross-Cut):** The "80" series typically features a high-density fin pattern. The cross-cut design allows for multidirectional airflow, making it effective in systems where air direction is not strictly linear.
* **Push-Pin Mounting:** Unlike adhesive-backed heatsinks, this part uses a mechanical push-pin system. This ensures a consistent downward force (pressure) on the electronic chip, which optimizes the thermal interface material (TIM) performance.
* **C2 Material Grade:** This indicates the use of high-quality aluminum alloy optimized for thermal transfer rather than structural strength alone.
---
### 3. Application in Electronics
This part is commonly used to protect sensitive electronic components from **thermal throttling** or **permanent damage**.
1. **Processor Cooling:** Used for FPGAs, ASICs, and small CPUs in networking equipment.
2. **Power Electronics:** Applied to MOSFET arrays or high-speed voltage regulators that generate localized heat.
3. **Industrial Controls:** Used in environments where reliability is critical and mechanical fastening is preferred over adhesives (which can dry out and fail over time).
---
### 4. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 0.5 (Natural Convection) | 3.50 |
| 1.0 (Low Flow) | 1.90 |
| 2.5 (High Flow) | 1.30 |
- ⤷
What are the compatible hole patterns for the push-pin mounting on this heatsink?
- ⤷ How does 'Blue Anodized' finish compare to 'Black Anodized' in terms of thermal performance?
- ⤷ What type of Thermal Interface Material (TIM) is recommended for the ATS-17B series?