ATS-17B-85-C2-R0
AI

The **ATS-17B-85-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal properties. Here is the breakdown:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ Heat Sink |
| **Attachment Type** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 24.11° C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 10.0mm |
---
### 2. Key Features
The ATS-17B-85-C2-R0 is engineered for versatility and efficiency in tight PCB layouts:
* **Fine Pitch Fin Design:** Uses a cross-cut pattern (high-density fins) to maximize surface area, allowing for better heat dissipation in both natural and forced convection environments.
* **pushPIN™ Attachment:** Features a spring-loaded mechanism that provides a precise, consistent pressure (preload) against the component, improving the thermal interface.
* **Pre-Applied Thermal Interface Material (TIM):** This specific model typically comes with **T766** phase-change material or similar, ensuring low thermal resistance between the chip and the aluminum base.
* **Material Grade:** Made from AL6063 aluminum for high thermal conductivity and lightweight performance.
---
### 3. Thermal Performance Profile
Thermal resistance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 24.11 |
| 300 (1.5 m/s) | 6.81 |
| 500 (2.5 m/s) | 4.30 |
| 700 (3.5 m/s) | 3.35 |
---
### 4. Implementation Example
To integrate this part into a CAD design, the hole pattern for the push-pins must be exact:
```text
Hole Spacing (Pitch): 40.0mm x 40.0mm
Hole Diameter: 3.0mm (Standard for plastic push-pins)
```
- ⤷
What are the benefits of the 'Blue Anodized' finish on this heat sink?
- ⤷ Can the push-pin hardware be replaced with screws for higher vibration environments?
- ⤷ How does the fin height (10mm) affect the airflow in a 1U server chassis?