ATS-17B-90-C2-R0
AI

### Overview of ATS-17B-90-C2-R0
The **ATS-17B-90-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **push-pin** attachment series, designed specifically for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 6.36 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 25.0mm |
| **Pressure Flow** | Cross-cut (Multiple Fin Directions) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Key Components & Design Features
#### 1. Push-Pin Attachment Mechanism
The "17B" and "R0" designations often refer to the specific mounting hardware. This model uses a **plastic push-pin** with a compression spring.
* **Purpose:** Ensures consistent pressure on the electronic component to maximize thermal transfer.
* **Benefit:** Allows for quick, tool-free installation on a PCB with pre-drilled holes.
#### 2. Cross-Cut Fin Design
Unlike traditional straight-fin heat sinks, the ATS-17B-90-C2-R0 features a **cross-cut** (pin-fin style) pattern.
* **Efficiency:** This design increases surface area and creates turbulence in the airflow, which helps dissipate heat more effectively in low-airflow environments.
#### 3. Pre-applied Thermal Interface (T766)
The part comes with **T766 phase-change material** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat sink and the electronic chip, significantly reducing thermal resistance compared to a dry mount.
#### 4. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodization:** Not only provides a professional aesthetic but also increases the surface emissivity and protects the aluminum from corrosion/oxidation.
---
### Applications in Electronics
This specific heat sink is typically found in:
* **Networking Equipment:** Routers, switches, and modems.
* **Industrial PCs:** Cooling embedded processors.
* **Power Supplies:** Heat dissipation for MOSFETs and voltage regulators.
- ⤷
What are the specific PCB hole size requirements for this push-pin model?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Are there copper versions of this heat sink for higher heat dissipation?