ATS-17B-94-C2-R0
AI

The **ATS-17B-94-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number provides specific details about its dimensions, material, and thermal performance.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push Pin (Spring-loaded) |
| **Heat Sink Type** | Straight Fin |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.62 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
---
## 2. Key Design Features
### Thermal Performance
The "C2" in the part number indicates a specific thermal interface material (TIM) or performance grade. This model is optimized for high airflow environments.
* **Straight Fin Geometry:** Provides a low pressure drop, making it efficient for systems with a standard cooling fan.
* **Aluminum Construction:** Offers a lightweight solution with high thermal conductivity.
### Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, the ATS-17B-94-C2-R0 uses a mechanical attachment system:
* **Push Pins:** Durable brass or plastic pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** Provides precise pressure (load) on the component to ensure maximum contact with the thermal interface material.
---
## 3. Applications
This specific heat sink is commonly found in:
1. **Telecommunications:** Networking switches and routers.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Voltage regulators and motor drivers.
---
## 4. Mechanical Drawing Reference
```text
40.00mm (Width)
<---------------->
__________________ ^
| || || || || || || |
| || || || || || || | 25.00mm (Height)
|_||_||_||_||_||_|| |
[__________________] v
```
---
- ⤷What is the difference between Blue Anodized and Black Anodized finishes for this heat sink?
- ⤷ How do I calculate the required hole spacing on a PCB for the pushPIN attachment?
- ⤷ What is the recommended Thermal Interface Material (TIM) for the C2 variant?