ATS-17D-03-C2-R0
AI

## Electronic Specifications: ATS-17D-03-C2-R0
The **ATS-17D-03-C2-R0** is a high-performance push-pin heat sink designed by Advanced Thermal Solutions (ATS). While it is a mechanical component, its specifications are critical for the thermal management of electronic Integrated Circuits (ICs) and CPUs.
---
### 1. General Product Overview
This part belongs to the **push-pin** heat sink family, utilizing a flexible attachment mechanism that allows for secure mounting to PCBs.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-17D-03-C2-R0 |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Attachment Type** | Push-Pin (Brass or Plastic options) |
---
### 2. Physical Dimensions
The physical footprint determines which electronic components (such as BGAs or FPGAs) the heat sink can effectively cover.
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height:** 15.00 mm
* **Pin Pitch:** 33.00 mm (Distance between mounting holes)
---
### 3. Thermal Performance Data
The "Electronic" part of this component refers to its ability to dissipate heat (Watts) generated by an electronic device based on airflow (LFM - Linear Feet per Minute).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) - Unducted | Thermal Resistance (°C/W) - Ducted |
| :--- | :--- | :--- |
| 100 (0.5 m/s) | 26.24 | 2.81 |
| 200 (1.0 m/s) | 11.66 | 2.11 |
| 300 (1.5 m/s) | 7.04 | 1.78 |
| 400 (2.0 m/s) | 5.10 | 1.58 |
| 500 (2.5 m/s) | 4.16 | 1.44 |
---
### 4. Key Electronic Design Features
1. **Fin Design:** Features a **fine-pitch** fin pattern that maximizes surface area for heat transfer in constrained electronic enclosures.
2. **Thermal Interface Material (TIM):** The part typically comes pre-applied with **T766** phase-change material, ensuring high-quality thermal contact between the heat sink and the electronic chip.
3. **EMI Shielding Compatibility:** The low profile and aluminum construction are designed to avoid interference with localized electromagnetic signals on the PCB.
4. **Spring Tension:** Equipped with a pre-assembled spring to ensure the correct pressure is applied to the chip, preventing damage to delicate solder balls (BGA) while maintaining thermal efficiency.
---
- ⤷
What is the significance of 'T766' thermal interface material in this assembly?
- ⤷ Can this heat sink be used on a PCB with a different pin pitch than 33mm?
- ⤷ How does the 'Blue Anodized' finish impact the thermal performance?