ATS-17D-05-C2-R0
AI

The **ATS-17D-05-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** family of high-performance heat sinks designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink (Active/Passive Cooling) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions** | 40mm x 40mm x 25mm |
| **Thermal Resistance** | 11.46° C/W (at 100 LFM) |
| **Airflow Pattern** | Vertical (Fine Pitch) |
---
## 2. Key Features and Design
### A. Material and Finish
The unit is constructed from high-grade aluminum, providing a balance between weight and thermal conductivity. The **Blue Anodized** finish is not just aesthetic; it provides surface protection against corrosion and increases the emissivity of the heat sink, slightly improving radiant heat transfer.
### B. The pushPIN™ Attachment System
One of the defining features of this part is the attachment mechanism:
* **Ease of Assembly:** Uses a spring-loaded push-pin to secure the heat sink to the PCB.
* **Constant Pressure:** The springs ensure consistent pressure on the thermal interface material (TIM), optimizing heat transfer from the chip to the sink.
* **Pre-Drilled Holes:** This model is designed for a specific hole pattern on the PCB (typically 33mm pitch for this size).
### C. Thermal Performance
The "fine pitch" design consists of multiple thin fins that increase the total surface area. This allows for efficient heat dissipation in systems with forced air (fans).
---
## 3. Part Number Breakdown
The part number follows a specific nomenclature:
* **ATS**: Advanced Thermal Solutions (Manufacturer)
* **17**: Series number
* **D**: Fin design/Density
* **05**: Specific size/geometry identifier
* **C2**: Thermal Interface Material (TIM) and spring tension code
* **R0**: Revision/RoHS compliance status
---
## 4. Typical Applications
* **Embedded Systems:** Cooling CPUs or GPUs on industrial motherboards.
* **Telecommunications:** Dissipating heat from high-speed network switches.
* **Power Supplies:** Cooling voltage regulators or power transistors.
- ⤷
What is the specific hole pattern spacing required for the ATS-17D-05-C2-R0?
- ⤷ Does this model come with a pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the advantages of blue anodizing over a plain aluminum finish?