ATS-17D-13-C2-R0
AI

The **ATS-17D-13-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** from Advanced Thermal Solutions (ATS) designed for cooling integrated circuits (ICs) and other electronic components.
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Thermal Resistance (Flowing)** | 13.70°C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 2.30°C/W @ 700 LFM |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Features and Component Breakdown
#### A. pushPIN™ Attachment System
This part utilizes a specialized push-pin mechanism. This allows for:
* **Uniform Pressure:** Ensures consistent contact between the heat sink base and the electronic component.
* **Quick Assembly:** Designed for high-volume manufacturing with pre-drilled holes in the PCB.
* **Secure Fit:** Brass or plastic pins with stainless steel springs provide high vibration resistance.
#### B. Heat Sink Geometry (Fine Pitch)
The "D" in the part number indicates a specific fin pattern. These are designed for **high-airflow environments**. The low-profile height (15mm) makes it ideal for dense electronic enclosures or 1U server racks where vertical space is limited.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. In electronics, the TIM is crucial because it fills microscopic air gaps between the chip and the heat sink, significantly improving heat transfer efficiency.
#### D. Blue Anodized Finish
Beyond aesthetics, the blue anodization provides:
* Increased corrosion resistance.
* Electrical insulation (to prevent shorts if it touches adjacent components).
* Enhanced emissivity for better radiative cooling.
---
### 3. Typical Applications
* **Processors (CPUs/GPUs):** Cooling small-to-midsize logic chips.
* **Telecommunications:** High-speed routers and networking hardware.
* **Industrial Controls:** Power modules that generate localized heat on a PCB.
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?