ATS-17D-16-C2-R0
AI

The **ATS-17D-16-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Fin Type** | Square-Cut (Cross-Cut) |
| **Attachment Type** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 10.00mm |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 18.08 °C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied phase change material) |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the specific configuration of the part:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **17**: Series identifier.
* **D**: Pin/Attachment material (usually indicates a specific spring or pin type).
* **16**: Specific size/designator within the series.
* **C2**: Refers to the thermal performance/material (Aluminum with Blue Anodized finish).
* **R0**: Revision or packaging indicator.
---
### 3. Key Features and Applications
#### Design Characteristics
- **Low Profile:** At only 10mm high, it is ideal for space-constrained applications like 1U servers or mobile devices.
- **Efficient Airflow:** The cross-cut fin design allows for multi-directional airflow, making it effective even if the orientation of the fan or air source isn't perfectly aligned.
- **Secure Mounting:** The pushPIN™ mechanism uses a brass or plastic pin and a stainless steel spring to provide precise pressure on the component, ensuring optimal heat transfer without damaging the PCB.
#### Typical Use Cases
1. **Network Switches/Routers:** Cooling high-speed processors.
2. **Embedded Systems:** Industrial PCs where vertical clearance is minimal.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
4. **Telecommunications:** Cooling RF components or signal processors.
---
### 4. Thermal Performance Comparison
*Thermal resistance measured in °C/W (Lower is better).*
| Air Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) |
| :--- | :--- | :--- | :--- |
| **Unducted Flow** | 18.08 | 4.45 | 2.50 |
| **Ducted Flow** | 3.50 | 2.00 | 1.60 |
- ⤷
What are the differences between T766 and other Thermal Interface Materials used in this series?
- ⤷ How does the pushPIN mounting system compare to traditional adhesive or clip-on methods?
- ⤷ Can this heat sink be customized for different heights or finishes?