ATS-17D-20-C2-R0
AI

The **ATS-17D-20-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "superGRIP" series, designed for cooling electronic components like BGA (Ball Grid Array) packages.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-17D-20-C2-R0 |
| **Component Type** | Passive Heat Sink |
| **Attachment Method** | superGRIP (Clip-on) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 7.14°C/W (Natural Convection) |
| **RoHS Status** | Compliant |
---
## 2. Key Electronic Features
### A. Thermal Performance
This part is designed to dissipate heat from high-power integrated circuits (ICs).
- **Convection:** It performs optimally in forced-air environments (fans), but provides a baseline resistance of **7.14°C/W** in static air.
- **Fin Design:** It uses a "Pin Fin" or "Cross-Cut" geometry, which allows for multi-directional airflow, making it effective regardless of how the board is oriented.
### B. superGRIP™ Attachment Technology
Unlike traditional heatsinks that require holes drilled into the PCB, this model uses a high-strength plastic frame clip.
- **No Holes Required:** The clip attaches directly to the component, saving PCB real estate.
- **Uniform Pressure:** It applies consistent pressure to the Thermal Interface Material (TIM), ensuring efficient heat transfer.
### C. Material and Coating
- **Aluminum Alloy:** Provides a lightweight solution with high thermal conductivity.
- **Blue Anodization:** This is not just for aesthetics; the anodized coating increases surface emissivity and protects the aluminum from corrosion and electrical shorting if it accidentally touches a lead.
---
## 3. Applications
This heatsink is typically found in:
* **Networking Gear:** Routers, switches, and gateways.
* **Embedded Computing:** High-speed processors and FPGAs.
* **Power Supplies:** Cooling voltage regulators or power modules.
* **Telecommunications:** Base station equipment.
---
## 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **17** | Series Number (superGRIP) |
| **D** | Fin Pattern / Geometry |
| **20** | Height Code (25mm) |
| **C2** | Thermal Interface Material (TIM) type included |
| **R0** | Revision / Standard Packaging |
- ⤷
What are the advantages of using a superGRIP attachment over traditional thermal adhesive?
- ⤷ Can you provide the thermal resistance values for specific airflow speeds (LFM)?
- ⤷ Is this heatsink compatible with specific BGA package sizes?