ATS-17D-210-C2-R0
AI

The **ATS-17D-210-C2-R0** is a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** line, designed for efficient thermal management of electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Details |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 70 mm x 70 mm |
| **Height** | 12.7 mm |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 5.18 °C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. Thermal Management (Efficiency)
The primary role of this part is to dissipate heat. With a low profile of 12.7mm, it is designed for environments where vertical space is limited. The **Fine Pitch** fin design maximizes surface area to facilitate heat transfer from the electronic component to the ambient air.
#### B. PushPIN™ Attachment System
Unlike adhesive-based heat sinks, this uses a mechanical push-pin system. This is crucial for:
* **Constant Pressure:** Ensuring the heat sink remains in firm contact with the die for optimal thermal conductivity.
* **Reliability:** Mechanical pins prevent the heat sink from shifting or falling off due to vibration or high temperatures.
#### C. Thermal Interface Material (T766)
The part comes pre-applied with **T766 thermal grease**. This "gap filler" replaces air pockets between the heat sink and the electronic chip, significantly lowering the contact resistance.
---
### 3. Application Use Cases
* **High-Density Servers:** Used on motherboards where components are packed closely together.
* **Network Switches:** Cooling ASICs and FPGA chips.
* **Embedded Systems:** Industrial PCs that require passive or active cooling in a small footprint.
---
### 4. Part Number Breakdown
```text
ATS - 17 D - 210 - C2 - R0
| | | | |
| | | | |_ Revision Number
| | | |______ Color/Finish (Blue Anodized)
| | |_____________ Series/Size ID
| |____________________ Attachment Type (Push-pin)
|_________________________ Manufacturer Prefix
```
- ⤷
What are the specific mounting hole dimensions for the ATS-17D-210-C2-R0?
- ⤷ How does the T766 thermal interface material compare to other TIMs?
- ⤷ What is the recommended airflow direction for this fin geometry?