ATS-17D-22-C2-R0
AI

The **ATS-17D-22-C2-R0** is a specific electronic cooling component, categorized as a high-performance **Heat Sink**. It is manufactured by Advanced Thermal Solutions (ATS) as part of their "push-pin" series designed for cooling processors and other high-heat surface-mount components.
---
## 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) with Springs |
| **Thermal Resistance** | 13.87°C/W (at 200 LFM) |
| **Dimensions** | 40mm x 40mm |
| **Height** | 15mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Component Breakdown
### A. The Heat Sink Body
The body is constructed from **Aluminum** and treated with a **Blue Anodized** finish. The finish is not just aesthetic; it increases the surface emissivity, slightly improving radiation heat transfer, and provides a protective layer against corrosion.
### B. Push-Pin Attachment Mechanism
Instead of using adhesive tape or soldering, this model uses a mechanical mounting system:
* **Plastic Push-Pins:** These provide consistent pressure against the component.
* **Brass Springs:** The springs ensure a specific downward force (Pre-load) to maximize the effectiveness of the thermal interface material without cracking the silicon die.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a high-performance phase-change material that fills microscopic air gaps between the heat sink and the electronic component (CPU/GPU/FPGA), significantly reducing thermal resistance.
---
## 3. Part Number Nomenclature
Understanding the code `ATS-17D-22-C2-R0`:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **17:** Specific series/designator for push-pin sinks.
* **D:** Specific mounting hole pattern or pin type.
* **22:** Height and fin configuration code.
* **C2:** Material/Finish code (Blue Anodized Aluminum).
* **R0:** Revision code (Standard RoHS compliant version).
---
## 4. Application Use Cases
This part is typically found in:
1. **Network Switches/Routers:** Cooling ASICs or high-speed controllers.
2. **Embedded Systems:** Industrial PCs where vibration resistance (provided by pins) is necessary.
3. **Power Electronics:** Cooling MOSFET arrays or voltage regulators.
---
- ⤷
What are the benefits of using a push-pin mount over thermal adhesive tape?
- ⤷ How do I calculate the airflow requirements for a thermal resistance of 13.87°C/W?
- ⤷ Is the T766 thermal interface material reusable if the heat sink is removed?