ATS-17D-36-C2-R0
AI

The **ATS-17D-36-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number itself contains coded information regarding its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions (L x W)** | 36.83mm x 36.83mm |
| **Height** | 15.00mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 14.82°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Key Component Features
#### A. pushPIN™ Attachment System
The "17D" designation identifies the specific mounting mechanism. This system uses a spring-loaded push-pin to ensure:
* **Constant Pressure:** Maintains optimal contact between the heat sink and the component surface.
* **Ease of Assembly:** Can be installed manually or with basic tools into pre-drilled PCB holes.
#### B. Thermal Interface Material (TIM)
The "C2" suffix indicates the inclusion of a **T766 Phase Change Material**.
* This is a pre-applied thermal pad on the base of the heat sink.
* It eliminates the need for external thermal paste and ensures low thermal resistance at the interface.
#### C. Fin Design and Airflow
The heat sink utilizes a **Straight Fin** profile.
* **Optimized for Airflow:** Designed to work efficiently with forced air (fans) or natural convection.
* **Heat Dissipation:** The aluminum construction provides a high surface-area-to-weight ratio, which is critical for modern, densely packed PCBs.
---
### 3. Application Use Cases
This specific model is typically found in:
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking Gear:** Small routers, switches, and edge computing devices.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulators (VRMs).
---
- ⤷
What are the specific hole patterns required on a PCB for the ATS-17D series?
- ⤷ How does the T766 phase change material compare to standard thermal grease?
- ⤷ Can this heat sink be customized for different height requirements?