ATS-17D-39-C2-R0
AI

The **ATS-17D-39-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components such as processors, FPGAs, and ASICs.
---
## 1. Technical Specifications
Below are the primary electronic and physical specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) |
| **Thermal Resistance** | 18.94° C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 20.00mm |
| **Fins** | 48 Straight Fins |
---
## 2. Component Analysis
### Thermal Performance
The "electronic" utility of this part is measured by its ability to dissipate heat. Thermal resistance values vary based on the airflow (measured in Linear Feet per Minute - LFM):
* **@100 LFM (0.5 m/s):** 18.94° C/W
* **@300 LFM (1.5 m/s):** 8.35° C/W
* **@500 LFM (2.5 m/s):** 6.39° C/W
### Mechanical Attachment
The **C2** designation in the part number refers to the attachment and interface material:
* **Push Pin:** Uses a spring-loaded brass pin system to ensure even pressure across the electronic component (IC).
* **Thermal Interface Material (TIM):** Pre-applied **T766** (a high-performance thermal grease or pad) to maximize heat transfer from the chip to the aluminum.
---
## 3. Part Number Decoder
Understanding the nomenclature helps in identifying its application:
| Segment | Meaning |
| :--- | :--- |
| **ATS-17D** | ATS series and specific mechanical mounting footprint. |
| **39** | The length/width dimension code (30mm x 30mm). |
| **C2** | Thermal interface material (T766) and finish color. |
| **R0** | Revision code/Standard packaging. |
---
## 4. Typical Applications
This heat sink is used for medium-density electronic cooling where vertical space (20mm) is available:
1. **Networking Hardware:** Routers, switches, and modems.
2. **Industrial PCs:** Cooling embedded CPU modules.
3. **Power Electronics:** Dissipating heat from MOSFET arrays or Voltage Regulator Modules (VRMs).
- ⤷
What is the exact hole-to-hole spacing required for this push pin mount?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T766?
- ⤷ How does the pressure of the brass push pin affect the delicate solder balls on a BGA package?