ATS-17D-48-C2-R0
AI

The **ATS-17D-48-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table breaks down the critical physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 7.50 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.29 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Pitch** | Fine Pitch |
| **Pattern** | XC-CUT |
---
### 2. Key Design Features
* **XC-CUT Pattern:** This refers to the fin geometry. XC-CUT designs feature cross-cut fins that allow for multidirectional airflow. This is ideal for crowded PCB environments where airflow might come from various angles.
* **pushPIN™ Attachment:** Instead of messy adhesives or fragile clips, this part uses a spring-loaded pin mechanism. This ensures:
* **Consistent Pressure:** Provides optimal contact with the electronic component.
* **Durability:** Pre-assembled springs (brass or plastic) provide high vibration resistance.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied thermal grease, which fills microscopic air gaps between the heat sink and the chip to improve heat transfer.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying the component's variant:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **17** | Series Number |
| **D** | Attachment Type (pushPIN™) |
| **48** | Dimension Identifier |
| **C2** | Thermal Performance/Material Grade |
| **R0** | Revision/Packaging Code |
---
### 4. Implementation Example
In a circuit design, this component would be mounted over a high-heat SMD (Surface Mount Device).
```yaml
Application: Voltage Regulator Cooling
Component_Size: 25x25mm
Mounting_Holes: 2-hole configuration
Airflow_Required: Minimum 100 LFM (Linear Feet per Minute)
```
- ⤷
What are the compatible hole patterns for the pushPIN attachment system?
- ⤷ How does the T766 thermal interface material compare to phase-change materials?
- ⤷ What is the maximum operating temperature for the blue anodized finish?