ATS-17D-49-C2-R0
AI

The **ATS-17D-49-C2-R0** is a specific electronic cooling component, specifically a **high-performance heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 25mm x 25mm x 20mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 5.48°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Engineering Features
The "49" series within the ATS catalog typically refers to a **straight-fin** or **cross-cut** design optimized for specific airflow directions.
* **Heat Sink Material:** Made of aluminum, which provides a balance between weight, cost, and thermal conductivity. The blue anodized finish increases surface emissivity and provides corrosion resistance.
* **Push-Pin Attachment:** The `-R0` designation indicates the assembly includes a specific push-pin and spring kit. This provides consistent pressure on the processor, which optimizes the contact with the Thermal Interface Material (TIM).
* **Thermal Interface Material (T766):** This part comes with a pre-applied phase-change material or high-performance pad. This eliminates the need for manual thermal paste application and ensures a reliable thermal bond.
---
### 3. Application Use Cases
This specific heat sink size (25mm x 25mm) is commonly used for:
* **Small Form Factor (SFF) Electronics:** Routers, switches, and embedded systems.
* **Integrated Circuits:** Cooling BGA (Ball Grid Array) packages, FPGAs, or Microprocessors.
* **Industrial Controls:** Power components that require active or passive air cooling within a cabinet.
---
### 4. Part Number Breakdown
While manufacturer codes vary, the typical ATS nomenclature for this part breaks down as follows:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **17D** | Series/Attachment type (Push-Pin) |
| **49** | Specific Fin Geometry/Height |
| **C2** | Material/Finish (Aluminum / Blue Anodized) |
| **R0** | Packaging/Revision (Standard Kit) |
- ⤷
What are the alternative attachment methods for heat sinks of this size?
- ⤷ How does the thermal resistance change at higher airflows (e.g.
- ⤷ 500 LFM)?
- ⤷ Is there a version of this heat sink with a different Thermal Interface Material?