ATS-17D-57-C2-R0
AI

The **ATS-17D-57-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for securing cooling solutions to Printed Circuit Boards (PCBs).
### 1. Technical Specifications
The following table summarizes the core physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-17D-57-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 13.16°C/W (at 200 LFM) |
| **Fin Style** | Straight (Cross-Cut) |
---
### 2. Key Component Features
#### A. Material and Finish
The unit is crafted from **Aluminum 6063**, providing a lightweight yet effective medium for heat dissipation. The **Blue Anodized** finish is not merely aesthetic; it provides increased surface emissivity and protects the metal from corrosion.
#### B. Attachment Mechanism (Push-Pin)
This part uses a specific mounting system:
* **Spring-Loaded Push Pins:** These ensure consistent pressure (Normal Force) between the heat sink and the electronic component (CPU, FPGA, etc.), optimizing thermal transfer.
* **Brass Pins:** The "R0" designation typically indicates a brass push pin, which offers high durability and reliability during installation.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heat sink comes pre-applied with **ATS-PPS-02** or a similar high-performance thermal interface material. This eliminates the need for manual application of thermal paste and ensures a low thermal resistance path from the chip to the sink.
---
### 3. Application Use Cases
This specific heat sink is typically used for cooling medium-power electronics where airflow is present.
* **Processors:** Cooling small CPUs or microcontrollers.
* **FPGAs & ASICs:** Managing heat in programmable logic devices.
* **Networking Gear:** Used in switches and routers for high-speed data chips.
* **Power Supplies:** Heat dissipation for MOSFETs or power regulators.
---
### 4. Thermal Performance Data
Performance varies based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (0.5 m/s)** | 13.16 |
| **300 (1.5 m/s)** | 3.96 |
| **500 (2.5 m/s)** | 2.90 |
- ⤷
How does the 'C2' thermal interface material compare to standard thermal paste?
- ⤷ What are the PCB hole requirements for mounting this push-pin heat sink?
- ⤷ Is this heat sink compatible with natural convection (no fans)?