ATS-17D-63-C2-R0
AI

The part number **ATS-17D-63-C2-R0** refers to a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" thermal management line, designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Fin Type** | Closed-Hole (Cross-Cut) |
| **Thermal Resistance** | 2.85 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying the specific physical characteristics:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **17**: Represents the specific family/series.
* **D**: Material/Fin configuration code.
* **63**: Identification code for specific physical dimensions.
* **C2**: Refers to the thermal performance and mounting hardware (often indicating a specific spring/pin combination).
* **R0**: Finish/RoHS status (R0 typically indicates Blue Anodized finish).
---
### 3. Key Electronic Cooling Features
* **Cross-Cut Fin Design**: The fins are not just straight lines; they are cut in a grid-like pattern. This increases surface area and allows for airflow from multiple directions, which is critical in tight electronic enclosures.
* **Push-Pin Attachment**: This mechanism uses a compression spring and a plastic/brass pin. It provides a consistent "clamping force" (pressure) on the electronic chip, ensuring the thermal interface material (TIM) works efficiently.
* **Pre-applied Thermal Interface Material (TIM)**: These units usually come with a high-performance thermal pad or grease pre-applied to the base to reduce assembly time and thermal resistance between the component and the sink.
---
### 4. Typical Applications
* **Telecommunications**: Cooling line cards and routers.
* **Embedded Systems**: Industrial PCs and IoT gateways.
* **Power Supplies**: Dissipating heat from MOSFETs and voltage regulators.
- ⤷
How does the 'pushPIN' mounting system compare to adhesive thermal tape?
- ⤷ What is the importance of 'LFM' (Linear Feet per Minute) in calculating this heat sink's efficiency?
- ⤷ Can this heat sink be customized for different height constraints?