ATS-17D-65-C2-R0
AI

The **ATS-17D-65-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** designed for cooling electronic components such as CPUs, GPUs, or power modules.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Thermal Resistance (Low Flow)** | 7.29 °C/W @ 100 LFM |
| **Thermal Resistance (High Flow)** | 1.39 °C/W @ 700 LFM |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Height off Base)** | 25mm |
| **Material** | Aluminum |
| **Fin Type** | Fine Pitch (straight fins) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
---
## 2. Key Electronic Features
### A. Material and Finish
* **Aluminum Construction:** Provides a high strength-to-weight ratio and excellent thermal conductivity.
* **Blue Anodized Finish:** The "C2" suffix indicates a blue anodized coating. This is not just for aesthetics; it increases surface emissivity and provides corrosion resistance.
### B. Thermal Performance
The "R0" at the end of the part number signifies that the product is **RoHS and REACH compliant**, meaning it is free from hazardous substances like lead or mercury, making it safe for modern electronic circuit boards.
### C. Attachment Mechanism (pushPIN™)
Unlike simple adhesive heat sinks, this model uses a mechanical **Push-Pin** system.
* **Constant Pressure:** A pre-assembled compression spring ensures consistent pressure against the electronic component for maximum heat transfer.
* **Secure Fit:** It requires pre-drilled holes in the PCB, preventing the heat sink from shifting during shipping or high-vibration environments.
---
## 3. Application Use Cases
This heat sink is typically found in the following electronic environments:
1. **Telecommunications:** Cooling network switches and routers.
2. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
3. **Embedded Systems:** Industrial PCs where airflow might be restricted.
- ⤷
What are the specific hole patterns required for the ATS-17D-65-C2-R0 on a PCB?
- ⤷ How does the 'Fine Pitch' fin design compare to 'Cross-Cut' designs in terms of airflow?
- ⤷ Can this heat sink be used with a custom thermal interface material (TIM)?