ATS-17D-70-C2-R0
AI

The **ATS-17D-70-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic packages. It is manufactured by *Advanced Thermal Solutions, Inc.*
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (H)** | 25mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 0.89°C/W (at 200 LFM) |
| **Fin Style** | Straight (Vertical) |
---
### 2. Design and Component Features
#### A. The pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, the **ATS-17D-70-C2-R0** uses a specialized push-pin system. This ensures:
* **Constant Pressure:** A high-performance compression spring provides precise, uniform pressure across the interface.
* **Reliability:** It prevents the heatsink from shifting during mechanical shock or vibration.
* **Ease of Assembly:** The plastic pins snap into pre-drilled holes (typically 3.175mm) on the PCB.
#### B. Thermal Interface Material (TIM)
This specific model comes pre-applied with **ATS-CPV2**, a high-performance thermal grease. This eliminates the need for manual application and ensures minimal air gaps between the component (CPU/GPU/FPGA) and the heatsink.
#### C. Fin Geometry
The heatsink features a **straight-fin** design. This is optimized for **forced air convection** (airflow from fans). The 25mm height allows for a significant surface area to dissipate heat while remaining compact enough for 1U or 2U rack-mount chassis environments.
---
### 3. Common Applications
This part is typically found in high-heat density electronic environments:
1. **Telecommunications:** Cooling network switches and routers.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling MOSFETs or IGBT modules.
4. **Computing:** Chipset or FPGA cooling on motherboards.
---
### 4. Part Number Breakdown
The part number follows the ATS nomenclature:
* **ATS:** Manufacturer prefix.
* **17:** Specific series/form factor.
* **D:** Pin configuration/type.
* **70:** Dimensional/Fin code.
* **C2:** Material/Thermal Interface (Aluminum + ATS-CPV2).
* **R0:** Packaging/Revision code.
- ⤷
What are the PCB hole requirements for the push-pin installation?
- ⤷ How does the thermal resistance change at different airflow (LFM) speeds?
- ⤷ Can this heatsink be used in passive cooling (no fan) environments?