ATS-17D-80-C2-R0
AI

The **ATS-17D-80-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** from the **pushPIN™** series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its technical specifications and electronic application.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-17D-80-C2-R0 |
| **Thermal Resistance** | 1.90°C/W (at 100 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 30.00mm x 30.00mm |
| **Height** | 15.00mm |
| **Pitch** | Fine Pitch (High-density fins) |
---
### 2. Key Component Features
#### A. Attachment Mechanism: pushPIN™
Unlike adhesive-based heat sinks, this part uses the **pushPIN™** system. It consists of:
* **Compression Springs:** Provide precise pressure to ensure optimal thermal contact between the heat sink and the electronic component (CPU, GPU, or FPGA).
* **Brass/Plastic Pins:** Secure the assembly through pre-drilled holes in the PCB.
#### B. Thermal Interface Material (TIM)
The "C2" in the part number indicates that it comes pre-applied with **T766** thermal phase-change material. This ensures low thermal resistance at the interface without the mess of manual thermal paste application.
#### C. Fin Design
It features a **cross-cut** or high-density fin pattern designed to maximize surface area. This is critical for electronic parts that generate significant heat in tight enclosures with limited airflow.
---
### 3. Application in Electronics
This part is typically used to cool mid-range integrated circuits (ICs) that operate under high thermal loads. Common applications include:
1. **Telecommunications:** Cooling Network Processors and ASICs.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Dissipating heat from high-current voltage regulators.
4. **Computing:** Cooling chipsets on motherboards or high-speed storage controllers.
---
### 4. Thermal Performance Comparison
Thermal resistance varies based on airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity | 100 LFM | 300 LFM | 500 LFM | 700 LFM |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 1.90 | 1.15 | 0.94 | 0.83 |
---
- ⤷What is the difference between Blue Anodized and Gold Anodized finishes in heat sinks?
- ⤷ How do I calculate the required hole diameter for the pushPIN attachment?
- ⤷ Can this heat sink be used for passive cooling without a fan?