ATS-17D-82-C2-R0
AI

The **ATS-17D-82-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for securing the cooling solution to a Printed Circuit Board (PCB).
---
### Technical Specifications
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-17D-82-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions** | 30.0mm x 30.0mm x 25.0mm |
| **Fin Type** | Straight Fin (Cross-cut) |
| **Thermal Resistance** | 2.49°C/W @ 200 LFM |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### Key Electronic & Mechanical Components
#### 1. Heat Sink Body (Thermal Mass)
The main body is made of **Aluminum 6063**, chosen for its excellent thermal conductivity and lightweight properties. The "Blue Anodized" finish is not just aesthetic; it provides surface protection and slightly increases emissivity to aid in radiant cooling.
#### 2. Push-Pin Attachment Mechanism
Instead of using adhesive tapes or clips, this part uses a mechanical push-pin system:
* **Pins:** Usually made of plastic or brass.
* **Springs:** Provides a specific amount of compression force (preload) to ensure constant contact between the heat sink and the electronic component (CPU/GPU/FPGA).
#### 3. Thermal Interface Material (TIM)
The "C2" in the part number indicates the use of **T766** thermal interface material. This is a high-performance phase-change material pre-applied to the base of the heat sink. It fills microscopic air gaps between the component die and the heat sink to lower thermal resistance.
---
### Application Usage
This specific heat sink is typically used for cooling:
* **Processors (CPUs/GPUs):** Small form factor chips requiring active or passive airflow.
* **ASICs and FPGAs:** High-heat density logic chips in networking equipment.
* **Power Electronics:** High-voltage regulators that generate significant heat during operation.
---
### Performance under Airflow (LFM)
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 5.21 |
| 200 (1.0 m/s) | 2.49 |
| 400 (2.0 m/s) | 1.70 |
- ⤷
What are the advantages of using push-pins over thermal adhesive tape?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ What is the specific hole pattern required on the PCB for this heat sink?