ATS-17D-95-C2-R0
AI

The **ATS-17D-95-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of their "push pin" series designed for attachment to printed circuit boards (PCBs).
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) / Spring |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Style** | Fine Pitch (Straight Fin) |
| **Thermal Resistance** | 7.29 °C/W (at 100 LFM) |
| **Flow Orientation** | Vertical or Horizontal |
---
### 2. Core Components and Design
To understand the "electronic parts" of this assembly, we look at the mechanical integration components:
#### A. The Heat Sink Body
* **Thermal Conductivity:** Made from 6063 aluminum, which offers excellent thermal dissipation.
* **Fin Geometry:** The height (25mm) and fin spacing are optimized for both natural convection and forced air cooling.
#### B. The Push Pin Mechanism
* **Material:** Typically made from durable plastic (usually Nylon).
* **Function:** This is the mounting hardware that secures the heat sink to the PCB. It utilizes a compression spring to maintain consistent pressure on the electronic component (CPU, GPU, or MOSFET).
#### C. Thermal Interface Material (TIM)
* **Pre-Applied Material:** The "C2" in the part number indicates it comes with a high-performance **T766 thermal phase change material** or equivalent grease.
* **Purpose:** To fill microscopic air gaps between the component surface and the heat sink base, maximizing heat transfer.
---
### 3. Application Use Cases
This specific heat sink is commonly found in the following electronic systems:
1. **Telecommunications:** Cooling of high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but thermal output is high.
3. **Power Electronics:** Cooling power converters or high-density motor drivers.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **17D:** Series designation (Push-pin type).
* **95:** Specific fin geometry/size code.
* **C2:** Thermal Interface Material (TIM) type.
* **R0:** Revision or RoHS compliance status.
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Are there alternative mounting options if my PCB doesn't have push-pin holes?