ATS-17F-01-C3-R0
AI

The **ATS-17F-01-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Board Level Heat Sink |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Fin Style** | XCUT (Straight Fins with cross-cuts) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 21.90°C/W (Natural Convection) |
| **Thermal Interface Material** | T412 (Double-sided adhesive/tape) |
---
### 2. Key Design Features
#### A. XCUT Fin Pattern
The "XCUT" design features vertical fins that have been cut horizontally. This creates a matrix of pins/blocks which:
* Increases the surface area for heat dissipation.
* Allows for **multi-directional airflow**, meaning the cooling efficiency is less dependent on the direction the fan is blowing.
#### B. Push-Pin Attachment
The `-R0` suffix indicates the specific mounting hardware. This model uses a **push-pin and compression spring** mechanism.
* **Benefits:** Provides consistent pressure for optimal thermal contact and allows for easy installation into pre-drilled holes on the PCB.
* **Reliability:** More secure than adhesive-only methods in high-vibration environments.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T412**, which is a high-performance thermal tape. This ensures there are no microscopic air gaps between the heat source (chip) and the aluminum base of the heat sink.
---
### 3. Application Use Cases
This specific heat sink is commonly found in:
* **Networking Hardware:** Routers, switches, and bridges.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **17:** Series identifier
* **F:** Fin height/style code
* **01:** Specific dimensions within the series
* **C3:** Blue Anodized finish
* **R0:** Revision/Mounting hardware specific code
- ⤷
What is the thermal resistance of this heat sink at 200 LFM airflow?
- ⤷ Can the T412 interface material be replaced with thermal paste?
- ⤷ What is the recommended PCB hole diameter for the push-pin mounting?