ATS-17F-02-C2-R0
AI

The **ATS-17F-02-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), processors, and other surface-mount components.
---
### 1. Technical Specifications
The part number defines the physical and thermal characteristics of the unit.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (with Compression Springs) |
| **Dimensions** | 40mm x 40mm x 12.7mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 18.32° C/W (at 200 LFM) |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Key Electronic Functions
In an electronic circuit, this part serves as a passive cooling solution:
* **Heat Dissipation:** It increases the surface area of a hot component (like a BGA or FPGA), allowing airflow to carry thermal energy away more efficiently.
* **Thermal Protection:** By maintaining the junction temperature ($T_j$) within safe limits, it prevents thermal throttling and hardware failure.
* **Acoustic Management:** Because of its high thermal efficiency, it can often allow for lower fan speeds, reducing the overall noise of the electronic system.
---
### 3. Physical Components of the Part
The assembly consists of three main electronic/mechanical elements:
1. **The Heat Sink Body:** Extruded aluminum with a flat base for maximum contact with the component.
2. **Push-Pins:** Brass or plastic pins that go through pre-drilled holes in the PCB.
3. **Compression Springs:** These ensure constant, high-pressure contact between the heat sink and the chip to minimize thermal resistance.
4. **Thermal Interface Material (TIM):** This part usually comes with a pre-applied Phase Change Material (PCM) or thermal tape to bridge the microscopic air gaps between the chip and the metal.
---
### 4. Implementation Example (C++ Pseudo-Code)
While this is a physical part, engineers often monitor the temperatures that this part manages via code:
```cpp
#include
// Hypothetical monitoring of a chip cooled by ATS-17F-02-C2-R0
void monitorThermalThreshold(double currentTemp) {
const double MAX_TEMP = 85.0; // Degrees Celsius
if (currentTemp >= MAX_TEMP) {
std::cout << "Warning: Critical Temperature reached. Throttling CPU." << std::endl;
// Trigger fan increase or lower clock speed
} else {
std::cout << "Temperature Stable: " << currentTemp << "C" << std::endl;
}
}
```
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ How does the 'C2' suffix in the part number affect the thermal interface material?
- ⤷ What are the advantages of push-pin attachment over thermal adhesive?