ATS-17F-03-C2-R0
AI

The **ATS-17F-03-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series and is designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### ## Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 26.32 °C/W (Unducted) |
| **Airflow Pattern** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### ### Key Electronic & Mechanical Design Parts
#### 1. Heat Sink Body (Fin Array)
* **Structure:** It features a straight-fin design, which is optimized for airflow directed across the surface.
* **Function:** It increases the surface area available for heat dissipation from the electronic component into the surrounding air.
* **Material:** Made of Aluminum 6063, which offers a high thermal conductivity-to-weight ratio.
#### 2. pushPIN™ Attachment System
* **Components:** This includes two plastic or metal push-pins and a high-tension spring.
* **Purpose:** It ensures consistent pressure (clamping force) between the heat sink and the electronic chip. This is critical for minimizing the thermal resistance at the contact point.
#### 3. Thermal Interface Material (TIM)
* **Type:** T766.
* **Function:** This is a pre-applied conductive pad or grease on the base of the heat sink. It fills microscopic air gaps between the heat sink and the component, significantly improving heat transfer efficiency.
#### 4. Blue Anodized Coating
* **Function:** Beyond aesthetics, the anodized finish provides corrosion resistance and slightly improves radiative cooling properties. It also provides a non-conductive surface layer to prevent accidental electrical shorts.
---
### ### Applications
This part is commonly used in:
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking:** Routers, switches, and modems.
* **Power Electronics:** Power supplies and motor drivers where localized heat is high.
- ⤷
What are the different attachment options for the pushPIN series?
- ⤷ How does the T766 TIM compare to other thermal materials?
- ⤷ What is the recommended airflow rate for the ATS-17F-03-C2-R0?