ATS-17F-10-C2-R0
AI

The **ATS-17F-10-C2-R0** is a specific electronic cooling component, categorized as a **High-Performance Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* as part of their "pushPIN™" thermal management line.
---
### 1. Technical Specifications
This part is designed to dissipate heat from surface-mount components like CPUs, GPUs, or high-power MOSFETs.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (High Thermal Conductivity) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Fin Type** | XC (Cross-Cut) / Straight Fin |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | Approx. 7.89°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design Components
#### A. The Heat Sink Body
The body is made of extruded aluminum. The "XC" pattern features cross-cut fins, which are ideal for environments where the airflow direction might be inconsistent, as it allows air to enter from multiple angles.
#### B. pushPIN™ Attachment System
Instead of using messy adhesives or thermal tape, this part uses a mechanical fastening system:
* **Plastic Pins:** Insert into pre-drilled holes in the PCB.
* **Compression Springs:** Ensure a consistent, high-pressure contact between the heat sink and the component, maximizing heat transfer.
#### C. Thermal Interface Material (TIM)
The base comes pre-applied with **T766**, a high-performance thermal pad/grease. This fills the microscopic air gaps between the heat sink and the electronic chip, significantly reducing thermal resistance.
---
### 3. Part Number Breakdown (Nomenclature)
The part number identifies the specific configuration:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **17F** | Series/Product Family |
| **10** | Specific Fin Design / Length-Width category |
| **C2** | Performance Class / Thermal Profile |
| **R0** | RoHS Compliant / Revision Status |
---
### 4. Implementation Use-Case
`ATS-17F-10-C2-R0` is typically found in:
* **Networking Gear:** Routers and switches.
* **Industrial PCs:** Compact computers requiring passive or fan-assisted cooling.
* **Power Supplies:** Cooling voltage regulators that generate significant heat.
- ⤷
What is the difference between the XC and straight fin designs in heat sinks?
- ⤷ How do I calculate if the 7.89°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative attachment methods to pushPIN for this specific size?