ATS-17F-100-C2-R0
AI

The **ATS-17F-100-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** designed by Advanced Thermal Solutions (ATS). It is used to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the mechanical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Heat Sink Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Fin Style** | XCUT (Straight Fins) |
| **Thermal Resistance** | 4.84°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Electronic Component Breakdown
#### A. The Heat Sink Body
The body is made of **Blue Anodized Aluminum**. Aluminum is used for its high thermal conductivity and lightweight properties. The "XCUT" design increases the surface area for convective heat transfer while allowing for multi-directional airflow, which is critical in dense electronic enclosures.
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the **ATS-17F-100-C2-R0** uses a mechanical attachment:
* **Push-Pins:** Made of brass, these fit into pre-drilled holes on the Printed Circuit Board (PCB).
* **Compression Springs:** These provide a precise amount of downward force (pressure) to ensure maximum contact between the heat sink and the electronic chip.
#### C. Thermal Interface Material (TIM)
The part number suffix `-R0` indicates it comes with **T766** pre-applied. In electronics, the TIM is crucial because it fills microscopic air gaps between the component and the heat sink, significantly reducing thermal resistance.
---
### 3. Application Use Cases
This specific part is typically found in:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Industrial PCs:** Ensuring stability in high-temperature environments.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
---
- ⤷What is the difference between XCUT and standard straight-fin heat sinks?
- ⤷ How do I calculate the required airflow for this heat sink?
- ⤷ Are there alternative attachment methods if my PCB lacks push-pin holes?