ATS-17F-102-C2-R0
AI

The **ATS-17F-102-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table highlights the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 25mm |
| **Fin Style** | Fine Pitch (Straight Fins) |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 5.24 °C/W (at 100 LFM) to 1.58 °C/W (at 700 LFM) |
---
### 2. Component Breakdown
The part is comprised of three main electronic/mechanical sub-elements:
#### A. The Heat Sink Body
* **Design:** It utilizes a "Fine Pitch" fin array, which increases the surface area for heat dissipation.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** (or similar) thermal phase-change material to ensure no air gaps exist between the chip and the aluminum base.
#### B. The pushPIN™ Attachment
* **Spring-Loaded Bolts:** Instead of adhesive tape, it uses two mechanical pins with compression springs.
* **Reliability:** This provides consistent downward pressure (clamping force), which is critical for maintaining thermal contact during vibration or thermal expansion.
#### C. The Blue Anodized Coating
* **Function:** Beyond aesthetics, the anodization protects the aluminum from oxidation and provides a small increase in emissivity, slightly improving radiant heat transfer.
---
### 3. Part Number Decoder
The nomenclature **ATS-17F-102-C2-R0** breaks down as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **17:** Series identifier.
* **F:** Fin pitch/style.
* **102:** Specific size/geometry configuration.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision/Packaging code.
---
### 4. Application Usage
This part is typically used in the following electronic environments:
* **Networking Gear:** Cooling high-speed switches or routers.
* **Industrial PCs:** Maintaining stability in fanless or high-airflow enclosures.
* **Embedded Systems:** Protecting power-dense processors from thermal throttling.
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ How does the thermal resistance change if the airflow velocity increases?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?