ATS-17F-116-C2-R0
AI

The **ATS-17F-116-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **push-pin** attachment series, specifically designed for cooling electronic components like CPUs, GPUs, or high-power ASICs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 4.14°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 35.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design Components
1. **Heat Sink Body:** Extruded aluminum provides a high surface-area-to-volume ratio. The straight fin design is optimized for unidirectional airflow.
2. **Push-Pins:** These provide the mechanical force needed to secure the heat sink to the PCB. They are pre-assembled with a spring to ensure consistent pressure (load) on the component.
3. **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a "phase-change" or high-performance thermal pad that fills microscopic air gaps between the chip and the metal.
---
### 3. Thermal Performance Data
Performance varies based on the airflow (Linear Feet per Minute - LFM) within the system enclosure:
| Airflow (LFM) | Thermal Resistance (°C/W) | Pressure Drop (in-H2O) |
| :--- | :--- | :--- |
| 100 (Unducted) | 7.03 | 0.05 |
| 200 (Unducted) | 4.14 | 0.16 |
| 300 (Unducted) | 3.28 | 0.27 |
| 500 (Unducted) | 2.50 | 0.52 |
---
### 4. Part Number Breakdown (ATS-17F-116-C2-R0)
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **17F:** Series identifier (Push-Pin style).
* **116:** Specific dimension/geometry code.
* **C2:** Blue Anodized finish.
* **R0:** Revision code (Standard RoHS compliant).
---
### 5. Application Usage
This component is typically found in:
* **Telecommunications:** Cooling signal processors.
* **Industrial PCs:** Thermal management for embedded controllers.
* **Networking:** Cooling routers and switches where height (35mm) is permissible.
- ⤷What is the difference between push-pin and clip-on heat sink attachments?
- ⤷ How do I calculate if 4.14°C/W is sufficient for my specific processor?
- ⤷ Can the TIM T766 be replaced with standard thermal paste?