ATS-17F-117-C2-R0
AI

## Technical Analysis: ATS-17F-117-C2-R0
The **ATS-17F-117-C2-R0** is a high-performance **Heat Sink** assembly manufactured by Advanced Thermal Solutions (ATS). It is specifically designed for cooling electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. General Specifications
Below is the technical breakdown of the part based on its model numbering and manufacturer data:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass/Plastic) |
| **Thermal Resistance** | 10.48 °C/W (Unducted Flow @ 100 LFM) |
---
### 2. Physical Dimensions
This heat sink belongs to the "Mini" or low-profile category, suitable for tight PCB layouts.
* **Size (L x W):** 45mm x 45mm
* **Height:** 12.7mm (Low Profile)
* **Pitch (Hole-to-Hole):** 38mm x 38mm
* **Weight:** ~25 grams
---
### 3. Key Electronic Components & Design Features
The "electronic" functionality of this part relates to its thermal management properties.
#### A. Fin Design (XC Cut)
The unit uses a **Cross-Cut (XC)** fin pattern. Unlike straight fins, cross-cut fins allow for multidirectional airflow. This is crucial in dense electronic enclosures where airflow might not be strictly linear.
#### B. Push-Pin Attachment
The `-R0` suffix indicates the inclusion of the **push-pin and spring assembly**.
* **Springs:** Pre-assembled with a stainless steel or brass compression spring.
* **Reliability:** Ensures consistent pressure between the heat sink and the chip to maximize thermal transfer.
#### C. Thermal Interface Material (TIM)
* **Type:** Pre-applied **T766** phase-change material or thermal grease.
* **Function:** Fills microscopic air gaps between the component die and the heat sink base.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions |
| **17** | Series Identifier |
| **F** | Fin Pitch (Fine) |
| **117** | Dimension/Design Code |
| **C2** | Material/Color (Blue Anodized) |
| **R0** | RoHS Compliant & Mounting Hardware Included |
---
### 5. Application Use Cases
This heat sink is typically found in:
* **Networking Gear:** Routers and switches.
* **Industrial PCs:** Compact motherboards with limited vertical clearance.
* **Power Electronics:** Cooling MOSFETs or small voltage regulators.
---
- ⤷What is the difference between the C1 and C2 finish codes for this series?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ Are there alternative mounting options if push-pins don't fit my PCB?