ATS-17F-128-C2-R0
AI

The **ATS-17F-128-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin heatsink** designed by Advanced Thermal Solutions (ATS). It is typically used for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The part number provides specific information regarding its dimensions, material, and attachment method.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Dimensions** | 54.00mm x 54.00mm |
| **Height** | 25.00mm (Fin Height) |
| **Thermal Resistance** | 2.91°C/W (at 100 LFM) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
---
## 2. Key Electronic & Mechanical Components
### A. Fin Design (High-Performance Pattern)
The heatsink features a **Straight Fin** or **Cross-Cut** geometry. This design maximizes surface area to allow heat to dissipate into the surrounding air via convection. The 25mm height is optimized for mid-to-high profile enclosures where airflow is consistent.
### B. Push-Pin Attachment System
Instead of using messy thermal adhesives or permanent epoxy, this part uses a mechanical push-pin system:
* **Compression Spring:** Ensures a precise amount of downward pressure (load) is applied to the chip, improving thermal contact without cracking the silicon die.
* **Pre-drilled Holes:** Requires specific PCB hole spacing (typically 47.00mm for this series) to secure the pins.
### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates the type of **Thermal Interface Material** pre-applied to the base:
* **Type:** T766 (or equivalent high-performance phase-change material/grease).
* **Function:** Fills microscopic air gaps between the chip surface and the heatsink base to minimize thermal impedance.
---
## 3. Thermal Performance Data
Performance varies based on the airflow (velocity) provided by the system fans.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.91 |
| 300 (1.5 m/s) | 1.56 |
| 500 (2.5 m/s) | 1.19 |
---
## 4. Application Use-Cases
* **Telecommunications:** Cooling high-speed processors in routers and switches.
* **Industrial PCs:** Maintaining stable temperatures in embedded systems.
* **Power Supplies:** Heat dissipation for MOSFETs or power regulators.
---
- ⤷
What is the exact hole-to-hole spacing required on the PCB for this heatsink?
- ⤷ Can the pre-applied thermal interface material (C2) be replaced with a different brand?
- ⤷ How does the 'Blue Anodized' finish affect the thermal radiation properties of the part?