ATS-17F-145-C2-R0
AI

The **ATS-17F-145-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for efficient cooling of electronic components like CPUs, GPUs, or power transistors.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Brass) with Compression Spring |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 2.90°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 30.00mm |
| **Base Shape** | Square |
---
## 2. Key Components & Materials
### A. The Heat Sink Body
* **Material:** Extruded Aluminum. Aluminum is chosen for its excellent thermal conductivity and lightweight properties.
* **Fin Style:** The "Straight Fin" design allows for maximum surface area while facilitating high airflow through the device, typically from a nearby cooling fan.
* **Finish:** **Blue Anodized**. This chemical treatment prevents corrosion and slightly increases surface emissivity for better heat radiation.
### B. Attachment Mechanism (Push-Pins)
The "R0" suffix refers to the specific attachment kit included:
* **Push-Pins:** Made of brass. These are designed to be pushed through pre-drilled holes in the Printed Circuit Board (PCB).
* **Springs:** Provides a specific amount of compression force to ensure the heat sink makes a firm, flat contact with the electronic chip, minimizing the thermal air gap.
### C. Thermal Interface Material (TIM)
* The product typically comes with a pre-applied **Thermal Phase Change Material** or a high-performance thermal pad on the base. This fills the microscopic gaps between the chip and the heat sink.
---
## 3. Thermal Performance (Airflow Data)
Thermal resistance ($^\circ \text{C/W}$) determines how effectively the heat sink dissipates energy based on airflow velocity (measured in Linear Feet per Minute - LFM).
| Air Velocity (LFM) | Thermal Resistance ($^\circ \text{C/W}$) |
| :--- | :--- |
| 200 (1.0 m/s) | 2.90 |
| 300 (1.5 m/s) | 2.31 |
| 400 (2.0 m/s) | 1.98 |
| 600 (3.0 m/s) | 1.62 |
---
## 4. Typical Applications
* **Embedded Systems:** Cooling microprocessors in industrial hardware.
* **Telecommunications:** Used on high-speed data chips in routers or switches.
* **Power Electronics:** Managing heat on VRMs (Voltage Regulator Modules).
- ⤷What is the required PCB hole size for the brass push-pins?
- ⤷ Does this heat sink come with pre-applied thermal interface material?
- ⤷ How does blue anodization affect the thermal performance compared to bare aluminum?