ATS-17F-147-C3-R0
AI

The **ATS-17F-147-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series and is designed for high-density electronic cooling.
---
## 1. Component Specifications
The following table highlights the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-17F-147-C3-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Fin Style** | Straight |
| **Heat Sink Type** | Top Mount |
| **Thermal Resistance** | 13.65°C/W (at 100 LFM) |
---
## 2. Key Features
### A. pushPIN™ Attachment System
The "R0" at the end of the part number signifies the use of the ATS pushPIN™ system. This system includes:
* **Flexible Springs:** Provides the necessary pressure to ensure a tight bond between the heat sink and the component (CPU, GPU, or FPGA).
* **Secure Mounting:** Designed for easy installation and pre-drilled PCB holes, reducing the risk of component damage during assembly.
### B. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Not only provides aesthetic value but also increases corrosion resistance and surface emissivity (improving radiation heat transfer).
### C. Thermal Performance
This heat sink is optimized for **forced air** environments. As air velocity increases (measured in Linear Feet per Minute - LFM), the thermal resistance drops significantly:
* **100 LFM:** 13.65°C/W
* **300 LFM:** 5.69°C/W
* **500 LFM:** 4.07°C/W
---
## 3. Dimensional Data
The dimensions are critical for ensuring clearance on densely packed Printed Circuit Boards (PCBs).
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 30.00 mm |
| **Width (B)** | 30.00 mm |
| **Height (C)** | 10.00 mm |
| **Pitch (E)** | 35.00 mm |
| **Pitch (F)** | 35.00 mm |
---
## 4. Typical Applications
* **Integrated Circuits (ICs):** Cooling for small to mid-sized processors.
* **Power Modules:** Dissipating heat from VRMs or MOSFETs.
* **Telecommunications:** Used in routers and switches where airflow is managed by chassis fans.
---
- ⤷
What is the significance of the C3 material code in this part number?
- ⤷ How do I calculate if this heat sink is sufficient for a 5-watt chip?
- ⤷ What are the PCB hole diameter requirements for the pushPIN™ attachment?