ATS-17F-17-C2-R0
AI

The **ATS-17F-17-C2-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* and belongs to their "push pin" series designed for cooling Integrated Circuits (ICs) and other PCB components.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.54°C/W (at 1.0 m/s flow) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 12.7mm |
| **Attachment Method** | Push Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (High Performance Pre-applied) |
---
## 2. Key Electronic Features
### A. Thermal Management (C2 Series)
The "C2" in the part number indicates a specific thermal profile and material grade. The fin geometry is optimized for **cross-flow ventilation**, allowing air to pass through from multiple directions, which is critical in dense electronic enclosures where airflow may be unpredictable.
### B. Attachment Mechanism (Push Pin)
Unlike adhesive-based heat sinks, the **ATS-17F-17-C2-R0** uses a mechanical push-pin system:
* **Reliability:** It provides consistent pressure (load) on the electronic component, ensuring maximum contact with the Thermal Interface Material (TIM).
* **Reusability:** It can be removed for board repair without damaging the chip package.
### C. Thermal Interface Material (T766)
The part comes pre-applied with **T766**, a high-quality phase-change or grease-like pad. In electronics, this fills the microscopic air gaps between the heat sink and the component (CPU, GPU, or FPGA), significantly reducing heat resistance.
---
## 3. Common Applications
In the electronics industry, this part is typically used for:
* **FPGA & ASIC Cooling:** High-speed processing units that generate significant heat.
* **Network Switches:** Used on central processing chips within telecommunications hardware.
* **Industrial Power Supplies:** Cooling power transistors and voltage regulators.
---
- ⤷
What are the drilling requirements for the PCB to use this push-pin heat sink?
- ⤷ How does the T766 thermal material compare to standard thermal paste?
- ⤷ Are there alternative attachment methods for this size of heat sink?