ATS-17F-170-C2-R0
AI

### Analysis of ATS-17F-170-C2-R0
The **ATS-17F-170-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed specifically for high-airflow environments to cool electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table outlines the mechanical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-17F-170-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 45mm x 45mm |
| **Height** | 25mm |
| **Thermal Resistance** | 3.44 °C/W (at 200 LFM) |
| **Fin Pattern** | Tapered Fin (maxiFLOW™) |
| **Interface Material** | T766 (High Performance) |
---
### 2. Key Electronic & Mechanical Components
The "parts" of this assembly work together to manage thermal energy in electronic circuits:
#### A. The Heat Sink Body
* **Fabrication:** Uses a specialized tapered fin design. This geometry increases the surface area while reducing pressure drop, allowing air to flow more efficiently through the fins.
* **Material:** Extruded aluminum, which provides a balance between high thermal conductivity and low weight.
#### B. The pushPIN™ Attachment System
Instead of simple adhesive, this part uses a mechanical push-pin system:
* **Springs:** Ensure constant, even pressure (preload) between the heat sink and the electronic component, which is critical for minimizing thermal contact resistance.
* **Pins:** Designed to fit into pre-drilled holes on the PCB (Printed Circuit Board).
#### C. Thermal Interface Material (TIM)
* **T766:** The unit comes with a pre-applied thermal pad/grease. This fills the microscopic air gaps between the semiconductor die and the aluminum base, facilitating the transfer of heat.
---
### 3. Application Use Cases
This part is typically integrated into the following electronic systems:
1. **Telecommunications:** High-speed routers and switches.
2. **Industrial PCs:** Cooling processors in rugged environments.
3. **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules.
---
- ⤷
What are the specific PCB hole diameters required for the pushPIN attachment?
- ⤷ How does the thermal resistance change at higher airflow speeds like 500 LFM?
- ⤷ Is this heat sink compatible with standard BGA packages?