ATS-17F-191-C2-R0
AI

The **ATS-17F-191-C2-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define size, material, and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ Heat Sink |
| **Type** | Pin Fin Heat Sink |
| **Attachment Method** | Push-Pin (2-Push Pin Design) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.90°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Physical Dimensions
Precision measurements are critical for ensuring the heat sink fits within the PCB layout and does not interfere with surrounding components.
| Dimension | Measurement |
| :--- | :--- |
| **Width (X)** | 45.00 mm |
| **Length (Y)** | 45.00 mm |
| **Height (Z)** | 20.00 mm |
| **Pitch (A)** | 38.00 mm (Distance between pins) |
| **Pitch (B)** | 38.00 mm (Distance between pins) |
---
## 3. Key Electronic Functions & Features
### A. Material & Surface Treatment
* **Aluminum 6063:** This alloy is used for its excellent thermal conductivity and structural integrity.
* **Blue Anodizing:** The surface treatment is not just aesthetic; it increases surface emissivity and provides corrosion resistance.
### B. Thermal Performance
The "Pin Fin" design creates high turbulence in the airflow, which significantly enhances heat transfer compared to standard straight-fin heat sinks, especially in low-velocity air environments.
### C. Attachment Mechanism (Push-Pin)
The heat sink utilizes a **Push-Pin** assembly with a brass spring.
* **Benefits:** It provides uniform pressure across the component to ensure maximum contact with the Thermal Interface Material (TIM).
* **Ease of Use:** It allows for quick, tool-free installation onto pre-drilled PCB holes.
### D. T766 Interface Material
The unit comes with a pre-applied **T766 phase-change material**. This eliminates the need for manual thermal paste application, ensuring a consistent and high-quality thermal bond between the chip and the heat sink.
---
## 4. Application Use Cases
* **Networking Hardware:** Switches and routers where airflow may be multidirectional.
* **Embedded Systems:** Industrial PCs requiring robust cooling in a small footprint.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulators.
- ⤷
What is the significance of the 2.90\u00b0C/W thermal resistance rating for my design?
- ⤷ How do I determine the correct PCB hole diameter for the Push-Pin mounting?
- ⤷ Are there alternative finishes to blue anodized for this specific model?