ATS-17F-196-C2-R0
AI

The **ATS-17F-196-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure system stability and longevity.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 10.00mm |
| **Pitch** | Fine-Pitch |
| **Thermal Resistance** | 18.11°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Key Electronic Components & Design
The "pushPIN™" system integrated into this part includes several critical sub-components designed for electronic reliability:
* **Heat Sink Body:** A fine-pitch fin pattern designed to maximize surface area for convective cooling while maintaining a low profile (10mm).
* **Push-Pins:** Usually made of Nylon or Brass, these provide a secure mechanical attachment to the PCB (Printed Circuit Board).
* **Compression Springs:** These ensure constant pressure (Force) between the heat sink and the electronic chip, which is vital for optimal thermal interface material (TIM) performance.
* **Thermal Interface Material (TIM):** This part typically comes with **T766** pre-applied, which is a high-performance thermal grease that fills microscopic air gaps between the component and the heat sink.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by ATS:
1. **ATS-17**: The specific family or series designation.
2. **F**: Indicates a "Fine" pitch fin configuration.
3. **196**: Represents the specific dimensions and surface area profile.
4. **C2**: Refers to the material and finish (Blue Anodized Aluminum).
5. **R0**: Refers to the packaging and revision status.
---
### 4. Typical Applications
* **Embedded Systems:** For cooling SoCs (System on Chips) in compact enclosures.
* **Telecommunications:** Used on high-speed networking PCBAs.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the benefits of a fine-pitch fin design versus a coarse-pitch design?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ Are there alternative attachment methods if my PCB doesn't have holes for push-pins?