Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-17F-201-C2-R0

  • AI
    ## Technical Overview of ATS-17F-201-C2-R0 The **ATS-17F-201-C2-R0** is a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "superGRIP" series, designed primarily for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs where space is limited but thermal performance is critical. --- ### 1. General Specifications The following table outlines the physical and thermal characteristics of this specific component: | Characteristic | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-17F-201-C2-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | superGRIP (Clip-on) | | **Dimensions** | 45.00mm x 45.00mm | | **Height** | 10.00mm | | **Thermal Resistance** | 8.17°C/W (Natural Convection) | --- ### 2. Key Electronic & Mechanical Components The "electronic parts" of this assembly do not refer to active circuitry (like resistors or transistors) but rather the thermal management system supporting an electronic device. #### A. The Heat Sink Body (Finned Array) * **Fin Type:** Cross-cut. This design allows for multidirectional airflow, making it ideal for systems where the direction of the fan intake might vary. * **Thermal Conductivity:** High-grade aluminum ensures rapid heat transfer away from the semiconductor die. #### B. The superGRIP™ Attachment System This is a two-part mechanical assembly that avoids the need for drilling holes in the Printed Circuit Board (PCB): 1. **Plastic Frame Clip:** A high-temperature plastic clip that snaps around the component (IC). 2. **Stainless Steel Spring Clip:** A "C-shaped" clip that applies consistent downward pressure to ensure optimal contact between the heat sink and the chip. #### C. Thermal Interface Material (TIM) The **"C2"** in the part number indicates the type of thermal interface provided: * **Type:** ATS-provided thermal tape or phase-change material. * **Function:** It fills microscopic air gaps between the heat sink base and the electronic component to reduce thermal impedance. --- ### 3. Application Use Cases This component is typically found in: * **Telecommunications:** Cooling network switches and routers. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Electronics:** Managing heat in high-efficiency power modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of this heat sink at 200 LFM airflow?
    • ⤷ How does the superGRIP attachment method compare to traditional push-pins?
    • ⤷ Is this heat sink compatible with custom height requirements for low-profile servers?