ATS-17F-202-C2-R0
AI

The **ATS-17F-202-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Body), Copper (Optional Base) |
| **Attachment Method** | Push Pin (with Springs) |
| **Fin Style** | XCUT (Straight Fins) |
| **Dimensions** | 50mm x 50mm x 15mm |
| **Thermal Resistance** | ~14.0°C/W (Unducted) |
| **Finish** | Blue Anodized |
---
## 2. Key Electronic & Mechanical Components
The "electronic parts" of this assembly refers to the thermal management system components:
### A. The Heat Sink Body
The body is constructed from high-grade aluminum. It uses an **XCUT** fin pattern, which provides maximum surface area while allowing multidirectional airflow. This is critical for cooling densely packed PCB environments.
### B. Push Pin Attachment (Plastic/Brass)
Instead of adhesive tapes, this model uses a mechanical push-pin system.
* **Purpose:** Ensures consistent pressure (clamping force) against the chip.
* **Advantage:** Prevents the heat sink from shifting due to vibration and improves the efficiency of the Thermal Interface Material (TIM).
### C. The Spring
Integrated with the push pin is a high-performance spring. The spring constant is calculated to provide the optimal **PSI (pounds per square inch)** to ensure the component does not crack while maintaining perfect contact.
### D. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the unit comes with **T766** pre-applied thermal phase-change material.
* **Function:** Fills microscopic air gaps between the component die and the heat sink base to maximize heat transfer.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps identify its specific electronic application:
* **ATS:** Advanced Thermal Solutions.
* **17F:** Series identifier.
* **202:** Specific geometry and fin density configuration.
* **C2:** Indicates the type of Thermal Interface Material (T766) and the finish.
* **R0:** Revision code.
---
## 4. Application Use Cases
This specific heat sink is typically found in:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Industrial PCs:** Ensuring thermal stability in fanless or low-airflow environments.
3. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the alternative attachment methods to push pins for this series?
- ⤷ How does the 'XCUT' fin design compare to straight fin designs in terms of airflow?
- ⤷ What is the specific thermal conductivity rating of the T766 phase-change material?